Part Number Hot Search : 
IC16F6 2SD18 2SB17 2SB828 SF205 UCN5842 AM6922NH 0176FN
Product Description
Full Text Search
 

To Download OTS-1VTR2ATR4DTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, 1 Duplex Composite Video, 2 Duplex Audio and 4 Duplex RS-232/422/485 Data
OTS-1VTR2ATR4DTR
(R)
Composite Video, Audio and Data Transmission The OTS-1VTR2ATR4DTR provides for the digital transmission of 1 Channel of Duplex Composite Video, 2 Channels of Duplex Analog Audio and 4 Channels of Duplex Serial Data. System Design
ST, LC, SC or FC Composite Video In Composite Video Out ST, LC, SC or FC Composite Video Out Composite Video In
Video
Serial Data In/Out
Serial Data In/Out
Audio
All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller Optiva Desktop Card Racks (OT-DTCR Series). The Optiva(R) Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. See "Accessories" for power supply specifications. Optiva(R) Upgrade Path This system can be purchased without an optical port as an add-on to an existing Optiva(R) system daisy-chain. (See "Non-Optical Version" below). The Optiva(R) bandwidth requirement of this system is 397 Mbps.
Audio In/Out
Audio In/Out
Data
OTS-1VTR2ATR4DTR
OTS-1VRT2ART4DRT
Features * Composite Video, Analog Audio and Serial Data over one fiber * 12-Bit Digital Transmission (Video) * TDM - Single fiber, dual wavelength * Complies with SMPTE 259M for uncompressed SDI * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Professional AV applications
Versions Available* Wavelength (nm) & Fiber 1310/1550 Multimode 1310/1550 Singlemode 1310/1550 SM (D) 1310/1550 SM (H) 1270-1610 SM (CWDM) Transmit/Receive** OTS-1VTR2ATR4DTR- A1/A3M-XX-IC OTS-1VTR2ATR4DTR- A2/A3-XX-IC OTS-1VTR2ATR4DTR-A2/A3D-XX-IC OTS-1VTR2ATR4DTR-A2/A3H-XX-IC OTS-1VTR2ATR4DTR-L4/L4-XX-IC Receive/Transmit** OTS-1VRT2ART4DRT-A3M/A1-XX-IC OTS-1VRT2ART4DRT-A3/A2-XX-IC OTS-1VRT2ART4DRT-A3D/A2-XX-IC OTS-1VRT2ART4DRT-A3H/A2-XX-IC OTS-1VRT2ART4DRT-L4/L4-XX-IC OTS-1VRT2ART4DRT-NOC-IC Optical Connector ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC N/A Optical Budget (dB) 10 12 17 25 Varies N/A Range*** (km) Form Factor 3 20 40 60 20-70 N/A IC (2-slots) IC (2-slots) IC (2-slots) IC (2-slots) IC (2-slots) IC (2-slots)
Non-Optical Version OTS-1VTR2ATR4DTR-NOC-IC
Serial Data Codes - "D" indicates RS-232. For other Serial Data preferences, please use: "DJ" = RS-422; "DK" = RS-485 (2W); and "DW" = RS-485 (4W). Analog Audio Codes - To indicate your Analog Audio impedance preference, please use the following instead of "A" in the model number: "AB" = Input Balanced 600 Ohm, Output Balanced 600 Ohm; "ABH" = Input Balanced Hi-Z, Output Balanced Low-Z; and "AUH" = Input Unbalanced Hi-Z, Output Unbalanced Low-Z.
* Contact Opticomm for other versions available. * Contact Opticomm for other versions available. ** XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. *** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
Composite Video, Audio & Data
Video Standard Bit Resolution Level Bandwidth Differential Gain Differential Phase Passband Ripple Chroma/Luma Delay Compatibility Signal to Noise Ratio Connector
Analog Audio Level Bandwidth Signal to Noise Ratio Total Harmonic Distortion Signal Coding Connector Data RS-232, RS-422 RS-485 (2 Wire) RS-485 (4 Wire) Data Rate Connector Contact Closure Connector General Dimensions & Weight Operating temperature Storage temperature Humidity Operating voltage Consumption System Latency Local Monitoring Remote Monitoring
SMPTE 170M; RS-250C (Short Haul) 12-Bit Digital Transmission 1.0 Volt p-p 5.5 MHz < 2% < 0.7 < 0.2 dB to 5.5 MHz <12ns NTSC, PAL, SECAM > 67 dB BNC (IEC 60169-8) 6 dBm In/Out 20 Hz to 20 KHz > 80 dB < 0.1% 20-bit Micro DB25 Impedance Options: Input Balanced 600 Ohm Balanced Hi-Z Unbalanced Hi-Z Output Balanced 600 Ohm Balanced Low-Z Unbalanced Low-Z
OptivaTM Multi-Signal OptivaTM Configurable Transmission Platform Communication Platform Network Management Network Management SDI and HD-SDI SDI & HD-SDI Composite Video, Composite Video, Audio & Data Audio & Data Audio/FSK/Intercom RGB/VGA/DVI RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) Data (Ethernet/Serial/USB) CATV/RF & L-Band CATV/RF & L-Band Optical Switching, Routing Optical Switching, Routing & Redundancy & Redundancy Passive Multiplexing Passive Multiplexing Solutions Solutions Enclosures, Racks Enclosures, Racks & Frames & Frames Power Supplies Power Supplies and Accessories & Accessories
DC to 1 Mbps Micro DB25 Micro DB25
Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC < 7w per insert card Less than 1ms (Audio <10ms) LED Status Indication Compatible with OptivaViewTM SNMP Management Suite
11 oz
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-1VTR2ATR4DTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X